Part Number Hot Search : 
95N2LH5 CPC1580 ACTR4110 5AA04 C4001 87C054 0515D 0496080
Product Description
Full Text Search
 

To Download SM1720-42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model SM1720-42
1.7-2.0 GHz 15 Watt Linear Amplifier
The SM1720-42 is a solid state GaAs amplifier designed for various wireless applications. This amplifier operates from 1.7-2.0 GHz, provides 50 dB of gain, 0.5 dB gain flatness over the full band, and +42 dBm of output power at its 1 dB compression point. The output third order intercept point is +53 dBm. Its compact size and high linearity make it ideally suited for systems using CDMA or TDMA standards. Features * * * Single Power Supply Over/Reverse Voltage Protection Thermal Protection with Auto Reset
Parameter Frequency Range
Specification 1.7 - 2.0 GHz + 42 dBm + 53 dBm (typ.) 50 dB 1.0 dB .5 dB .5 dB -14dB / -14dB +12 Volts 6.6 Amps w/o heatsink: 6.7 x 4.0 x 0.8 in. w/heatsink: 6.7 x 4.0 x 2.0 in. SMA Female 0C to +55C 95% Non-condensing Up to 10,000 feet above Sea Level
Options * * * * Heatsink Forward Power Detection Logic On/Off Control High Speed Switching for TDD
Pout (P1dB) Third Order Intercept Point Linear Gain Gain Slope Full Band Gain Change over Temperature Input/Output Return Loss DC Input Voltage DC Input Current Mechanical Dimensions RF Connectors Operating Temperature Operating Humidity Operating Altitude
Configurations * * * Module Laboratory Unit 19" Rack
1007 Whitehead Road Ext., Trenton, New Jersey 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Model SM1720-42
1.7-2.0 GHz 15 Watt Linear Amplifier
DIMENSIONS IN INCHES
FWD ON/OFF
INCORPORATED
GND
+12VDC
RF INPUT
RF OUTPUT
Made in USA
HEATSINK OPTION
ON/OFF
GND
+12VDC
RF OUTPUT
1007 Whitehead Road Ext., Trenton, New Jersey 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com
Made in USA
Model SM1720-42
1.7-2.0 GHz 15 Watt Linear Amplifier
Pin RF Input RF OUT GND +12VDC ON/OFF
Description Input Connector (SMA Female) Output Connector (SMA Female) Ground Turret DC Input Voltage TTL Logic On/Off
Values -6 dBm typical +42dBm @P1dB --+ 12 Volts @ 6.0 Amps (typ.) 0 Volts = Off, + 5 Volts = On
Specifications subject to change without notice.
1007 Whitehead Road Ext., Trenton, New Jersey 08638 Tel: (609) 538-8586 Fax: (609) 538-8587 Email: sales@stealthmicrowave.com Web site: www.stealthmicrowave.com


▲Up To Search▲   

 
Price & Availability of SM1720-42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X